PART |
Description |
Maker |
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
RFSP5022 PRFS-P5022-EVL PRFS-P5022-009 PRFS-P5022- |
5.15-5.85 GHz U-NII Power Amplifier 5.15-5.85千兆赫的U - NII功率放大 5.15-5.85 GHz U-NII Power Amplifier 5150 MHz - 5850 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER Single-band power amplifiers The RFS P5022 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 5.15-5.85 GHz ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
AD800904 AD8009ACHIPS AD8009JRT-R2 AD8009JRT-REEL |
1 GHz, 5,500 V/?Low Distortion Amplifier 1 GHz, 5,500 V/µs Low Distortion Amplifier 1 GHz, 5,500 V/Я Low Distortion Amplifier 1 GHz, 5,500 V/ Low Distortion Amplifier 1 GHz, 5,500 V/?/a> Low Distortion Amplifier 1 GHz, 5,500 V/µs Low Distortion Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Commercial 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 1 GHz, 5,500 V/µs Low Distortion Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Analog Devices, Inc.
|
Q62702-G0041 BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
RMDA20420 |
20 - 42 GHz General Purpose MMIC Amplifier 20-42 GHz Broadband Driver Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
FMPA2151 |
2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
AMMC-5023 |
AMMC-5023 · 23 GHz Low Noise Amplifier 23 GHz Low Noise Amplifier (21.2-26.5 GHz)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
AWB7221RM52P8 |
2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
|
ANADIGICS, Inc
|
AWB7127HM41P8 |
2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
|
ANADIGICS, Inc
|
BGA318 Q62702-G0043 |
From old datasheet system Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 硅双极单片放大器(级0瓦,增益模块十六分贝典型增益.0 GHz2 dBm典型的P - 1dB的在1.0千兆赫) Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 0 MHz - 1200 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
PE15A1004 |
3 dB NF, 13 dBm, 12 GHz to 18 GHz, Low Noise Amplifier
|
Pasternack Enterprises, Inc.
|
TPT-13-6036 TPT-13-6026 |
Temperature Compensated Power Amplifier 6 GHz - 13 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|